Part Number Hot Search : 
SQ045 HT48RA3 106DM US5L11 000MHZ 12T20 TG35C60 SFBUY50
Product Description
Full Text Search
 

To Download 1N5399-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
1N5391 - 1N5399
Pb
1.5A STANDARD DIODE
Features
! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability A B A
Mechanical Data
! ! ! ! ! ! ! Case: DO-15, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.40 grams (approx.) Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 D
DO-15 Dim Min Max 25.4 -- A 5.50 7.62 B 0.71 0.864 C 2.60 3.60 D All Dimensions in mm
C
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. 1N 5391 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 75C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 1.5A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO
1N 5392 100 70
1N 5393 200 140
1N 5395 400 280 1.5
1N 5397 600 420
1N 5398 800 560
1N 5399 1000 700
Unit
V V A
IFSM VFM IRM Cj RJA Tj TSTG
50 1.0 5.0 50 30 45 -65 to +125 -65 to +150
A V A pF C/W C C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient (Note 1) Operating Temperature Range Storage Temperature Range
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
1N5391 - 1N5399
1 of 4
(c) 2006 Won-Top Electronics
I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
1.5
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
1.0
1.0
0.5
0.1
T = 25C j Pulse Width = 300s Duty Cycle l 2%
0 25 50 75 100 125 150 175 TA AMBIENT TEMPERATURE (C) Fig. 1, Forward Current Derating Curve
0.01 0.6 0.8 1.0 1.2 1.4 1.6
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
50
8.3 ms SINGLE HALF SINE-WAVE (JEDEC METHOD)
100
Tj = 25C f = 1MHz
40
30
Cj, CAPACITANCE (pF)
1.0 10 NUMBER OF CYCLES AT 60Hz 100
10
20
10
0
1.0 1.0 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
1N5391 - 1N5399
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
0.8mm MAX
5mm
1N539x WTE
Cathode 1N539x x WTE
= Polarity Band = Device Number = 1, 2, 3, 5, 7, 8 or 9 = Manufacturer's Logo
1.2mm MAX
6mm 52.4mm Cathode Tape: Red Anode Tape: White
0.8mm MAX
PACKAGING INFORMATION
TAPE & BOX TAPE & REEL
Product ID Label
150mm
Inspection Hole (both ends)
330mm 255mm 75mm
BULK
805mm 25mm 200mm
Product ID Label
85mm
Packaging TAPE & REEL TAPE & BOX BULK
Reel Diameter / Box Size (mm) 330 255 x 75 x 150 200 x 85 x 25
Quantity (PCS) 4,000 3,000 1,000
Carton Size (mm) 370 x 370 x 420 400 x 273 x 415 459 x 214 x 256
Quantity (PCS) 20,000 30,000 40,000
Approx. Gross Weight (KG) 12.0 15.0 17.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E.
1N5391 - 1N5399
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
1N5391-T3 1N5391-TB 1N5391 1N5392-T3 1N5392-TB 1N5392 1N5393-T3 1N5393-TB 1N5393 1N5395-T3 1N5395-TB 1N5395 1N5397-T3 1N5397-TB 1N5397 1N5398-T3 1N5398-TB 1N5398 1N5399-T3 1N5399-TB 1N5399
1. 2. 3.
Package Type
DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15
Shipping Quantity
4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box
Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, 1N5391-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
1N5391 - 1N5399
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of 1N5399-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X